Part Number Hot Search : 
2SK20 Z8038D2N 78J01ST BD8200CS 1067659 KG01RT B686M04 PA1214
Product Description
Full Text Search
 

To Download ZURMG57W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZURMG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
Features
3.0mmx2.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. INNER LENS TYPE MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. ZURMG57W-1 Red Green GaAsP/GaP GaP Water Clear 7 7 typ. 19 19 627 565 100 VF VF IR UR (GaAsP/ GaP) 2.0 2.5 10 MG (GaP) 2.2 2.5 10 Unit
UR Absolute Maximum Ratings (GaAsP (TA=25C) /GaP) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg 5 30 160 75
MG (GaP) 5 25 140 62.5
V V uA
P
627
565
nm
-40 ~ +85 -40 ~ +85
D
625
568
nm
45
30
nm
C
15
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2
Published Date : FEB 25 , 2008
Drawing No : SDSA3808
V4
Checked : B.L.LIU
P.1/5
Part Number:
ZURMG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
UR
Published Date : FEB 25 , 2008
Drawing No : SDSA3808
V4
Checked : B.L.LIU
P.2/5
Part Number:
ZURMG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
MG
Published Date : FEB 25 , 2008
Drawing No : SDSA3808
V4
Checked : B.L.LIU
P.3/5
Part Number:
ZURMG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 25 , 2008
Drawing No : SDSA3808
V4
Checked : B.L.LIU
P.4/5
Part Number:
ZURMG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
PACKING & LABEL SPECIFICATIONS
ZURMG57W-1
Published Date : FEB 25 , 2008
Drawing No : SDSA3808
V4
Checked : B.L.LIU
P.5/5


▲Up To Search▲   

 
Price & Availability of ZURMG57W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X